Part Number Hot Search : 
1000G 69200 NJU3501D RN2705 PN4117A CEFB203 EW4D7 AS2522BF
Product Description
Full Text Search
 

To Download B82422H1154000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a~~=p a~~=p  epcos ag 2012. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos prior express consent is prohibited. smt inductors simid series, simid 1210-h series/type: b82422h date: december 2012
2 12/12 please read cautions and warnings and important notes at the end of this document. size 1210 (eia) or 3225 (iec) rated inductance 0.1 ... 680 h rated current 61 ... 2050 ma construction ferrite drum core laser-welded winding flame-retardant molding features temperature range up to +150 c very high current handling capability qualified to aec-q200 suitable for lead-free reflow soldering as referenced in jedec j-std 020d rohs-compatible applications filtering of supply voltages, coupling, decoupling dc/dc converters, switch-mode power supplies automotive electronics (e.g. single wire bus systems) telecommunications consumer and data processing equipment industrial electronics terminals base material cusn6 layer composition cu, ag, sn (lead-free) 1) electro-plated marking marking on component: manufacturer and letter h, l value (in  h), tolerance of l value (coded), date of manufacture (ywwd) minimum data on reel: manufacturer, ordering code, l value, quantity, date of packing delivery mode and packing units 8-mm blister tape, wound on 180-mm or 330-mm  reel packing units: 180-mm reel: 2000 pcs./reel 330-mm reel: 7500 pcs./reel 1) ni-barrier-plated terminals on request (b82422h*50). b82422h smt inductors, simid series simid 1210-h
3 12/12 please read cautions and warnings and important notes at the end of this document. dimensional drawing and layout recommendation taping and packing blister tape reel dimensions in mm ind0053-6 c d b a b ind0496-p-e 2.50.2 marking 0.60.2 1) 1.90.1 1) 0.45 min. 1) 2.20.2 0.15 max. 3.20.2 1) soldering area abcd 2.7 1.15 2.1 4.4 dimensions in mm ind0592-v 621.5 14.4 max. +1.5 8.4 0 _ 180 +0 _ 2 330 2 +0 _ 12.75 +0.15 0 _ 2.8 < _ _ < 4.2 component 1.5+0.1 20.05 40.1 3.50.05 1.750.1 80.3 40.1 direction of unreeling ind0557-f-e 1.0+0.2 b82422h smt inductors, simid series simid 1210-h
4 12/12 please read cautions and warnings and important notes at the end of this document. technical data and measuring conditions rated inductance l r measured with impedance analyzer agilent 4294a at frequency f l , 0.1 v, +20 c q factor q min measured with impedance analyzer agilent 4294a at frequency f q , +20 c rated temperature t r +105  c rated current i r maximum permissible dc with inductance decrease  l/l 0  10% and temperature increase of  45 k at rated temperature self-resonance frequency f res,min measured with impedance analyzer agilent 4294a, +20 c dc resistance r max measured at +20  c solderability (lead-free) sn95.5ag3.8cu0.7: +(245 5) c, (5 0.3) s wetting of soldering area
90% (based on iec 60068-2-58) resistance to soldering heat +260  c, 40 s (as referenced in jedec j-std 020d) climatic category 55/150/56 (to iec 60068-1) storage conditions mounted: C55c +150 c packaged: C25 c +40 c,  75% rh weight approx. 50 mg b82422h smt inductors, simid series simid 1210-h
5 12/12 please read cautions and warnings and important notes at the end of this document. characteristics and ordering codes intermediate values and closer tolerances on request. higher currents possible at temperatures 6 12/12 impedance |z| versus frequency f measured with impedance analyzer agilent 4294a/e4991a, typical values at +20 c q factor versus frequency f measured with impedance analyzer agilent 4294a, typical values at +20 c inductance l versus dc load current i dc measured with lcr meter agilent 4284a, typical values at +20 c current derating i op /i r versus ambient temperature t a (rated temperature t r = +105 c) | z | ind0499-x f 10 68 10 10 7 10 9 hz 10 0 1 h 100 h 10 h 680 h 10 1 10 2 3 10 4 10 10 5 6 10 0.1 h b82422h ind0497-h 0 10 4 hz q f 100 h 10 h 1 h 5 10 15 20 25 10 5 10 6 10 7 b82422h 680 h 0.1 h 10 10 _ _ 2 10 1 _ l h 10 10 0 a dc i 1 ind0608-p 2 _ _ 10 1 10 0 1 10 10 2 10 3 b82422h 100 h 680 h 10 h 1 h 0.1 h 0 0 0.2 0.4 0.6 0.8 1.0 1.2 ind0498-r-e 20 40 60 80 100 120 160 c ? b82422h i r op i a t b82422h smt inductors, simid series simid 1210-h
7 12/12 cautions and warnings please note the recommendations in our inductors data book (latest edition) and in the data sheets. C particular attention should be paid to the derating curves given there. C the soldering conditions should also be observed. temperatures quoted in relation to wave soldering refer to the pin, not the housing. if the components are to be washed varnished it is necessary to check whether the washing varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. in particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation. washing processes may damage the product due to the possible static or cyclic mechanical loads (e.g. ultrasonic cleaning). they may cause cracks to develop on the product and its parts, which might lead to reduced reliability or lifetime. the following points must be observed if the components are potted in customer applications: C many potting materials shrink as they harden. they therefore exert a pressure on the plastic housing or core. this pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. C it is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. C the effect of the potting material can change the high-frequency behaviour of the components. ferrites are sensitive to direct impact. this can cause the core material to flake, or lead to breakage of the core. even for customer-specific products, conclusive validation of the component in the circuit can only be carried out by the customer. please read cautions and warnings and important notes at the end of this document.
8 12/12 important notes the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed . 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the general terms of delivery for products and services in the electrical industry published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, ceralink, csmp, cssp, ctvs, deltacap, digisimic, dssp, filtercap, formfit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B82422H1154000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X